Part Number Hot Search : 
AP138 20030 DS12840 S29AL00 MAX1192 PE430608 S29AL00 S29AL00
Product Description
Full Text Search
 

To Download KBPC3501W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  galaxy electrical features rating to 1000v prv surge overload rating to 400 amperes peak ideal for printed circuit board reliable low cost construction utilizing molded plastic technique results in inexpensive product maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. kbpc 3502 (w) kbpc 3504 (w) kbpc 3506 (w) kbpc 3508 (w) kbpc 3510 (w) units maximum recurrent peak reverse voltage v rrm 200 400 600 800 1000 v max imum rms v oltage v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v maximum average forw ard output current @t a =25 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load maximum instantaneous forw ard voltage @ 17.5 a v f v maximum reverse current @t a =25 a at rated dc blocking voltage @t a =100 ma operating junction temperature range t j storage temperature range t stg - 55 ---- + 150 - 55 ---- + 125 i r 100 70 voltage range: 50 --- 1000 v current: 35.0 a 35 50 lead solderable per mil-std-202 method 208 silicon bridge rect ifiers 400.0 i fsm a 10.0 i f(av) 35.0 a kbpc-w kbpc35005(w) - - - kbpc3510(w) kbpc 35005 (w) kbpc 3501 (w) 50 100 1.1 1.0 www.galaxycn.com inch (mm) bl bl galaxy electrical document number 0287043 1. .452 (11.5) 1.181(30.0) 1.102(28.0) max (15.0) .591 .692(17.6) .732(18.6) .692(17.6) .732(18.6) (0.8x 6.4) .033x 250 hole for no.8 screw 1.102(28.0) 1.181(30.0) ac ac - + .468(11.9) .429(10.9) .042(1.1) .090(2.0) max free datasheet http:///
.4 .6 .8 1.0 1.2 .01 0.1 1.0 1.6 .2 10 1.4 100 10 04060 20 100 120 140 80 t j =25 0.1 1.0 .01 0 10 20 30 40 50 0255075100125 0 100 1 100 500 200 300 400 10 8.3ms single half sine wave t j =125 amperes average forward output current, amperes micro amperes percent of rated peak reverse voltage ratings and characteristic curves fi g. 3 -- typical forward characteri sti c fi g. 4 -- typi cal reverse characteristi c instantaneous forward voltage, volts amperes instantaneous forward current, peak forward surge current, kbpc35005(w) -- kbpc3510(w) number of cycles at 60h z ambient temperature, fi g. 2 -- forward derati ng curve fi g. 1 -- peak forward surge current instantaneous reverse current, bl galaxy electrical www.galaxycn.com document number 0287043 2. free datasheet http:///


▲Up To Search▲   

 
Price & Availability of KBPC3501W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X